Part Number Hot Search : 
1N3315B SM75570 93524 C2026 3386U502 IRFU540 DTD08052 P4KE15A
Product Description
Full Text Search
 

To Download SDB10200PI Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ksd-d0o013-002 1 SDB10200PI schottky barrier rectifier dual common cathode schottky rectifier features ? low forward voltage drop and leakage current ? low power loss and high efficiency ? high surge capability ? dual common cathode rectifier ? full lead (pb)-free and rohs compliant device applications ? power supply - output rectification ? converter ? free-wheeling diode ? reverse battery protection ? power inverters description the SDB10200PI has two schottky barriers arranged in a common cathode configuration. typical applications are in switching power supplies, converters, free-wheeling diodes, and reverse battery protection. ordering information device marking code package packaging SDB10200PI SDB10200PI to-220f-3l tube marking information 1 3 2 to-220f-3l product characteristics i f(av) 2 x 5a v rrm 200v v fm at 125 0.72v (typ.) i fsm 120a 1 2 3 pin 1, 3 : anode pin 2 : cathode auk = manufacture logo ? = control code of manufacture ymdd = date code marking -. y = year code -. m = monthly code -. d = daily code SDB10200PI = specific device code
ksd-d0o013-002 2 absolute maximum ratings (limiting values) characteristic symbol value unit maximum repetitive reverse voltage maximum working peak reverse voltage maximum dc blocking voltage v rrm v rwm v r 200 v maximum average forward rectified current per diode i f(av) 5 a total device 10 peak forward surge current 8.3ms single half sine-wave superimposed on rated load per diode i fsm 120 a storage temperature range t stg -45 to +150 maximum operating junction temperature t j 150 thermal characteristics characteristic symbol value unit maximum thermal resistance junction to case per diode r th(j-c) 4.0 /w total device 3.6 electrical characteristics (per diode) characteristic symbol test condition min. typ. max. unit peak forward voltage drop v fm (1) i fm = 5a t j =25 - 0.85 0.95 v t j =125 - 0.72 0.76 v reverse leakage current i rm (1) v r = v rrm t j =25 - - 10 ua t j =125 - - 10 ma junction capacitance c j v r = 1v dc , f=1mhz - 150 - pf note : (1) pulse test : t p 380 ? , duty cycle 2% to evaluate the conduction losses use the following equation: p f = 0.68 i f(av) + 0.032 i f 2 (rms) SDB10200PI i fm 2 i f(av) i f(av) v fm forward voltage : v fm = v to + rd i fm conduction loss : p f = v to i f(av) + rd i f 2 (rms) rd v to
ksd-d0o013-002 3 rating and characteristic curves ? SDB10200PI fig. 1) typical forward characteristics (per diode) fig. 2) typical reverse characteristics (per diode) fig. 3) maximum forward derative curve fig. 6) typical junction capacitance (per diode) fig. 4) forward power dissipation (per diode) fig. 5) maximum non-repetitive peak forward surge current (per diode)
ksd-d0o013-002 4 package outlin e dimension SDB10200PI
ksd-d0o013-002 5 the auk corp. products are intended for the use as components in general electronic equipment (office and co mmunication equipment, m easuring equipment, home appliance, etc.). please make sure that you consult with us before you use these auk corp. products in equipments which require high quality and / or reliability, and in equipments which could have major impact to th e welfare of human life(atomi c energy control, airplane, spaceship, transportation, co mbustion control, all types of safety device, etc.). auk corp. cannot accept liability to any damage which may occur in case these auk corp. products were used in the mentioned equipm ents without prior consultation with auk corp.. specifications mentioned in this publicati on are subject to change without notice. SDB10200PI


▲Up To Search▲   

 
Price & Availability of SDB10200PI

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X